Part Number Hot Search : 
14H22 S9014 SXX18 LTC4280 DG421CY 20N120C MAZ4036 20AVT1
Product Description
Full Text Search
 

To Download DE1A1B-L-3V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  de (ade) 1 ds_61a01_en_de: 100811d specifications compact high-insulation polarized power relay de relays (ade) vde mm inch 12.5 .492 25.0 .984 12.5 .492 features ? conforms to european safety standards (vde0700 and vde0631) insulating distance between coil and contacts: clearance min. 8mm .315 inch creepage distance min. 8mm .315 inch ? extensive product line-up ? surge voltage between contact and coil 12 kv ? low operating power nominal operating power at 200 mw (single side stable, 2 coil latching) ? compact body saves space size: 12.5(w) ? 25.0(l) ? 12.5(h) mm .492(w) ? .984(l) ? .492(h) inch ? ul/csa, vde approved contact coil (at 20 ? c, 68 ? f ) characteristics arrangement 1 form a 1 form a 1 form b 2 form a contact material agsno 2 type initial contact resis- tance, max. (by voltage drop 6v dc 1a) 30m ? rating (resistive load) nominal switching capacity 10a 250v ac, 10a 30v dc 8a 250v ac, 8a 30v dc 8a 250v ac, 8a 30v dc max. switching power 2,500 va*, 300w 2,000 va*, 240w 2,000 va*, 240w max. switching voltage 440v ac, 230v dc 440v ac, 230v dc 440v ac, 230v dc max. switching current 10a (16a)* 8a (16a)* 8a (16a)* min. switch- ing capac- ity #1 100 ma, 5 v dc expected life (min. operations) mechanical (at 300cpm) 10 7 electrical (at 20 cpm) (resistive load) 10 5 10 5 (ac) 5 ? 10 4 (dc) electrical ( 16a / 230 v ac resistive)* 25000 20000 nominal operating power single side stable 200 mw 1 coil latching 100 mw 2 coil latching 200 mw max. operating speed 20 cpm (at rated load) initial insulation resistance* 1 min. 1,000 m ? (at 500 v dc) initial breakdown voltage* 2 between open contacts 1,000 vrms between contact sets 4,000 vrms (2 form a, 1 form a 1 form b) between contact and coil 5,000 vrms surge voltage between contact and coil* 3 min. 12,000 v (initial) operate time [set time]* 4 max. 10ms (typ. 5ms) [max. 10ms (typ. 4ms)] (at 20 ? c 68 ? f ) release time (without diode) [reset time]* 4 max. 5ms (typ. 2ms) [max. 10ms (typ. 4ms)] (at 20 ? c 68 ? f ) temperature rise (at 70 ? c)* 5 max. 50 ? c shock resistance functional* 6 min. 196 m/s 2 {20 g} destructive* 7 min. 980 m/s 2 {100 g} vibration resistance functional* 8 10 to 55 hz at double amplitude of 2 mm destructive 10 to 55 hz at double amplitude of 3 mm conditions for operation, transport and storage* 9 (not freezing and condens- ing at low temperature) ambient temp. ?40 ? c to 70 ? c ?40 ? f to 158 ? f humidity 5 to 85% r.h. unit weight approx. 7 g .25 oz #1 this value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the actual load. remarks * 16a possible for one contact set only with max. 4000 va switching power. * 1 measurement at same location as ?initial breakdown voltage? section. * 2 detection current: 10ma * 3 wave is standard shock voltage of ? 1.2 ? 50 ? s according to jec-212-1981 * 4 nominal operating voltage applied to the coil, excluding contact bounce time. * 5 by resistive method * 6 half-wave pulse of sine wave: 11ms, detection time: 10ms. * 7 half-wave pulse of sine wave: 6ms * 8 detection time: 10ms * 9 refer to ?6. usage, storage and transport conditions? in ambient environment section in relay technical information .
de (ade) 2 ds_61a01_en_de: 100811d types and coil data (at 20 ? c 68 ? f ) ? single side stable type 1 form a, 1 form a 1 form b, 2 form a ? 1 coil latching type 1 form a ? 2 coil latching type 1 form a note: insert contact arrangement, e.g.1a, 1a1b, 2a, in ? for contact form required. part no. nominal voltage, v dc pick-up voltage, v dc (max.) (initial) drop-out voltage, v dc (min.) (initial) coil resistance, ? ( ? 10%) nominal operating current, ma ( ? 10%) nominal operating power, mw max. allowable voltage, v dc de ? -1.5v 1.5 1.05 0.15 11.3 132.7 200 1.95 de ? -3v 3 2.1 0.3 45 66.6 200 3.9 de ? -4.5v 4.5 3.15 0.45 101 44.5 200 5.85 de ? -5v 5 3.5 0.5 125 40 200 6.5 de ? -6v 6 4.2 0.6 180 33.3 200 7.8 de ? -9v 9 6.3 0.9 405 22.2 200 11.7 de ? -12v 12 8.4 1.2 720 16.6 200 15.6 de ? -24v 24 16.8 2.4 2,880 8.3 200 31.2 de ? -48v 48 33.6 4.8 11,520 4.2 200 62.4 part no. nominal voltage, v dc set voltage, v dc (max.) (initial) reset voltage, v dc (min.) (initial) coil resistance, ? ( ? 10%) nominal operating current, ma ( ? 10%) nominal operating power, mw max. allowable voltage, v dc de ? -l-1.5v 1.5 1.05 1.05 22.5 66.6 100 1.95 de ? -l-3v 3 2.1 2.1 90 33.3 100 3.9 de ? -l-4.5v 4.5 3.15 3.15 202 22.3 100 5.85 de ? -l-5v 5 3.5 3.5 250 20 100 6.5 de ? -l-6v 6 4.2 4.2 360 16.7 100 7.8 de ? -l-9v 9 6.3 6.3 812 11.1 100 11.7 de ? -l-12v 12 8.4 8.4 1,440 8.3 100 15.6 de ? -l-24v 24 16.8 16.8 5,760 4.2 100 31.2 part no. nominal voltage, v dc set voltage, v dc (max.) (initial) reset voltage, v dc (min.) (initial) coil resistance, ? ( ? 10%) nominal operating current, ma ( ? 10%) nominal operating power, mw max. allowable voltage, v dc set coil reset coil set coil reset coil set coil reset coil de ? -l2-1.5v 1.5 1.05 1.05 11.3 11.3 66.6 66.6 200 200 1.95 de ? -l2-3v 3 2.1 2.1 45 45 66.6 66.6 200 200 3.9 de ? -l2-4.5v 4.5 3.15 3.15 101 101 44.5 44.5 200 200 5.85 de ? -l2-5v 5 3.5 3.5 125 125 40 40 200 200 6.5 de ? -l2-6v 6 4.2 4.2 180 180 33.3 33.3 200 200 7.8 de ? -l2-9v 9 6.3 6.3 405 405 22.2 22.2 200 200 11.7 de ? -l2-12v 12 8.4 8.4 720 720 16.6 16.6 200 200 15.6 de ? -l2-24v 24 16.8 16.8 2,880 2,880 8.3 8.3 200 200 31.2 typical applications ? temperature controller ? automatic meter reading ? oa equipment ? fa equipment ordering information product name contact arrangement operating function coil voltage, v dc de 1a: 1 form a 1a1b: 1 form a 1 form b 2a: 2 form a nil: single side stable l: 1 coil latching l2: 2 coil latching 1.5, 3, 4.5, 5, 6, 9, 12, 24, 48** de 1a l 3 ex. notes: 1) standard packing; carton (tube package) 2 0 pcs. case 500 pcs. 2) ul/csa, vde approved type is standard. v **just for single side stable
de (ade) 3 ds_61a01_en_de: 100811d dimensions (mm inch ) download from our web site. cad data cad data cad data single side stable 1 coil latching type 2 coil latching type tolerance: ? 0.3 ? .012 0.5 dia .020 dia 25.0 .984 12.5 .492 7.62 .300 3.5 .138 2.44 .096 15.24 .600 0.8 .032 0.8 .032 0.4 .016 1.0 .039 7.62 .300 12.0 .472 0.5 .020 0.5 dia .020 dia 0.5 dia .020 dia 3.5 .138 2.44 .096 0.8 .032 0.8 .032 1.0 .039 0.5 .020 25.0 .984 12.0 .472 12.70 .500 7.62 .300 2.54 .100 12.5 .492 7.62 .300 0.4 .016 pc board pattern (bottom view) single side stable 1 coil latching type 2 coil latching type tolerance : ? 0.1 ? .004 7.62 .300 15.24 .600 6-1.2 dia 6-.047 dia 7.62 .300 8-1.2 dia 8-.047 dia 7.62 .300 12.70 .500 7.62 .300 2.54 .100 schematic (bottom view) single side stable (1 form a) (5,6: dummy terminal) (1 form a 1 form b) (deenergized condition) (2 form a) 4 3 1 865 865 134 865 134 1coil latching type (1 form a) (5,6: dummy terminal) (1 form a 1 form b) (reset condition) (2 form a) 1 86 3 5 4 865 134 865 134 2coil latching type (1 form a) (5,6: dummy terminal) (1 form a 1 form b) (reset condition) (2 form a) 5 6 1 7 8 4 3 2 4 3 2 1 876 5 1 5 6 7 8 4 3 2
de (ade) 4 ds_61a01_en_de: 100811d reference data 1. max. switching power 2. life curve contact voltage current, a no. of operations contact load, a 3.-(1) coil temperature rise (1 form a) tested sample: ade109 quantity: n=6 ambient temperature: 25 ? c to 70 ? c 77 ? f to 158 ? f 3.-(2) coil temperature rise (1 form a 1 form b) tested sample: ade309 quantity: n=6 ambient temperature: 25 ? c to 70 ? c 77 ? f to 158 ? f 3.-(3) coil temperature rise (2 form a) tested sample: ade209 quantity: n=6 ambient temperature: 25 ? c to 70 ? c 77 ? f to 158 ? f 0 10 20 30 40 50 80 70 90 100 110 120 130 0a 0a 10a 10a 25 c 70 c 77 f 158 f coil applied voltage, %v temperature rise, c 0 10 20 30 40 50 80 70 90 100 110 120 130 0a 0a 8a 8a 25 c 70 c 77 f 158 f coil applied voltage, %v temperature rise, c 0 10 20 30 40 50 80 70 90 100 110 120 130 0a 0a 8a 8a 25 c 70 c 77 f 158 f coil applied voltage, %v temperature rise, c 4-1. operate/release time (1 form a) tested sample: de1a-5v quantity: n=5 4-2. operate/release time (1 form a 1 form b) tested sample: de1a1b-5v, quantity: n=5 4-3. operate/release time (2 form a) tested sample: de2a-5v, quantity: n=5 0 10 20 30 40 50 80 70 90 100 110 120 130 0a 0a 10a 10a 25 c 70 c 77 f 158 f coil applied voltage, %v temperature rise, c 7 6 5 4 3 2 1 0 min. min. max. max. min. max. 70 80 90 100 110 120 130 operate/release time, ms operate time release time (with diode) coil applied voltage, %v release time x x x 8 7 6 5 4 3 2 1 0 min. min. max. min. max. max. 70 80 90 100 110 120 130 operate/release time, ms operate time release time (with diode) coil applied voltage, %v release time x x x 5-1. ambient temperature characteristics (1 form a) tested sample: de1a-5v, ambient temperature: ?40 ? c to 80 ? c ?40 ? f to 176 ? f , quantity: n=6 5-2. ambient temperature characteristics (1 form a 1 form b) tested sample: de1a1b-5v, ambient temperature: ?40 ? c to 80 ? c ?40 ? f to 176 ? f , quantity: n=6 5-3. ambient temperature characteristics (2 form a) tested sample: de2a-5v, ambient temperature: ?40 ? c to 80 ? c ?40 ? f to 176 ? f , quantity: n=6 -40 -40 -20 -4 20 68 -30 -20 -10 0 10 20 30 40 104 60 140 80 176 0 32 ambient temperature,c f drop-out voltage pick-up voltage rate of change, v% -30 -20 -10 0 10 20 30 ambient temperature,c f drop-out voltage pick-up voltage rate of change, v% -40 -40 -20 -4 20 68 40 104 60 140 80 176 0 32 -30 -20 -10 0 10 20 30 ambient temperature,c f drop-out voltage pick-up voltage rate of change, v% -40 -40 -20 -4 20 68 40 104 60 140 80 176 0 32
de (ade) 5 ds_61a01_en_de: 100811d safety standards for cautions for use, see relay technical information. item ul/c-ul (recognized) csa (certified) vde (certified) file no. contact rating file no. contact rating file no. contact rating 1 form a e120782 pilot duty b300 r300 lr85932 pilot duty b300 r300 115944 8a 250v ac (cos ? =1.0) 1 form a 1 form b e120782 pilot duty b300 r300 lr85932 pilot duty b300 r300 115944 8a 250v ac (cos ? =1.0) 2 form a e120782 pilot duty b300 r300 lr85932 pilot duty b300 r300 115944 8a 250v ac (cos ? =1.0) 6. change of contact resistance no. of operations contact resistance,


▲Up To Search▲   

 
Price & Availability of DE1A1B-L-3V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X